PART |
Description |
Maker |
3D3424 |
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
|
Data Delay Devices
|
3D7424D-4 3D7424-40 3D7424-400 D7424-10 |
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE ACTIVE DELAY LINE, TRUE OUTPUT, PDSO14 MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE ACTIVE DELAY LINE, TRUE OUTPUT, PDIP14
|
Data Delay Devices, Inc. DATA DELAY DEVICES INC
|
MAX5105 MAX5105EEP MAX5105EWP MAX5105-MAX5106 MAX5 |
" Nonvolatile, Quad, 8-Bit DACs" Nonvolatile / Quad / 8-Bit DACs Nonvolatile, Quad, 8-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO20 Nonvolatile, Quad, 8-Bit DACs 非易失、四路位DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD7835ASZ-REEL ANALOGDEVICESINC-AD7835ASZ-REEL AD7 |
LC2MOS Quad 14-Bit DACs LC2MOS Quad 14-Bit DAC; Package: MQFP (13.90mm wide); No of Pins: 44; Temperature Range: Commercial LC MOS Quad 14-Bit DACs
|
ANALOG DEVICES INC
|
AD9022 AD9022AQ AD9022AZ AD9022SQ AD9022SZ |
12-Bit 20 MSPS Monolithic A/D Converter 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, CDIP28 12-Bit 20 MSPS Monolithic A/D Converter(采样速率B>20MSPS2位单片A/D转换
|
Analog Devices, Inc.
|
AD9048 AD9048JJ AD9048JQ AD9048KJ AD9048KQ AD9048S |
Monolithic 8-Bit Video A/D Converter 单片8位视频A / D转换 Monolithic 8-Bit Video A/D Converter 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, CQCC28
|
Analog Devices, Inc. AD[Analog Devices]
|
DG441 DG442DY DG442DJ FN3281 DG442 DG441DY DG441DJ |
Monolithic / Quad SPST / CMOS Analog Switches From old datasheet system Monolithic Quad SPST CMOS Analog Switches Monolithic, Quad SPST, CMOS Analog Switches
|
INTERSIL[Intersil Corporation]
|
MAT-04FY MAT-04 MAT-04A MAT-04AY MAT-04B MAT-04BY |
Matched Monolithic Quad Transistor Matched Monolithic Quad Transistor 30 mA, 40 V, 4 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
AD[Analog Devices] Analog Devices, Inc.
|
3D3424D-50 3D3424-1 3D3424-1.5 3D3424-10 3D3424-10 |
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE ACTIVE DELAY LINE, TRUE OUTPUT, PDIP14
|
DATADELAY[Data Delay Devices, Inc.]
|
MMQA13VT MMQA27VT MMQA27VT1G MMQA5V6T1G MMQA12VT M |
Transient Voltage Suppressors for ESD Protection SC-74 Quad Monolithic Common Anode MMQA, SZMMQA Quad Common Anode Series SC?4 QUAD TRANSIENT VOLTAGE SUPPRESSOR 24 WATTS PEAK POWER 5.6 ?33 VOLTS
|
ON Semiconductor
|
AD7808BST AD7808BR AD7808BN AD7805BR |
High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO24 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP24 +3.3V to +5V Quad/Octal 10-Bit DACs
|
Analog Devices, Inc. ANALOG DEVICES INC
|